PART |
Description |
Maker |
MAX8213A MAX8213B MAX8213 MAX8214BESE MAX8214A MAX |
Five Universal Voltage Monitors, Complete µP Voltage Monitoring "Five Universal Voltage Monitors, Complete μP Voltage Monitoring" " Five Universal Voltage Monitors, Complete μP Voltage Monitoring" Five Universal Voltage Monitors-Complete Microprocessor Voltage Monitoring Five Universal Voltage Monitors - Complete Microprocessor Voltage Monitoring Five Universal Voltage Monitors with Active Pull-Ups From old datasheet system ECONOLINE: RBM - New Micro Size SIP 6 Package- Industry Standard Pinout- 3kVDC Isolation- UL94V-0 Package Material- Efficiency to 85% Five Universal Voltage Monitors, Complete µP Voltage Monitoring 5-CHANNEL POWER SUPPLY SUPPORT CKT, PDIP16 Synchronous 4-Bit Binary Counters 16-CDIP -55 to 125 5-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO16
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
LT1059 LT1059AC LT1059ACJ LT1059ACN LT1059AM LT105 |
HIGH PERFORMANCE SWITCHED CAPACITOR UNIVERSAL FILTER High Performance Swithcd Capacitor Universal Filter From old datasheet system 1-of-8 Data Selectors/Multiplexers 16-SOIC 0 to 70
|
LINER[Linear Technology] Linear Technology Corporation
|
AP1688 |
AC/DC, HIGH PF, HIGH EFFICIENCY, UNIVERSAL MAINS LED DRIVER CONTROLLER
|
Diodes
|
SCFS12000 SCFS10000 SCFS2000 SCFS4000 SCFS6000 SCF |
1.5 A, 4000 V, SILICON, RECTIFIER DIODE FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY High Voltage,High Density Fast Recovery Rectifier(反向电压4000V,温55℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压6000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压12000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压2000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压10000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(????靛?12000V锛?俯搴?5???骞冲??存??垫?1.5A,楂??锛??瀵?害锛?揩???澶??娴??)
|
Semtech Corporation
|
TX2-5V TX2-12V TX2-3V TX2-L-1.5V TX2-48V TX2-L2-H- |
2 A CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE 2阿继电器容量高浪涌电 RELAY, SOLID STATE 40A 240VAC FILM/M CAPACITANCE=0.1 VOLT=63 2 A CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE
|
Nais(Matsushita Electric Wo... Panasonic, Corp. YEONHO Electronics Co., Ltd. NAIS[Nais(Matsushita Electric Works)] http://
|
2SC4630LS |
NPN Triple Diffused Planar Silicon Transistor 900V / 100mA High-Voltage Amplifier, High-Voltage Switching Applications 900V/100mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
2SC4635LS |
NPN Triple Diffused Planar Silicon Transistor 1500V / 20mA High-Voltage Amplifier, High-Voltage Switching Applications 1500V/20mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
SB5H100-E3_54 SB5H100-E3_73 SB5H100-E3/54 SB5H100H |
High-Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
|
Vishay Siliconix
|
SB1H100-E3_54 SB1H100-E3_73 SB1H100 SB1H100HE3_54 |
High-Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
|
Vishay Siliconix
|
2SK3748 |
N CHANNEL MOS SILICON TRANSISTOR High-Voltage High-Speed Switching Applications High-Voltage, High-Speed Switching Applications From old datasheet system
|
SANYO[Sanyo Semicon Device]
|
AUIRS2112S |
The AUIRS2112S is a high voltage, high speed power MOSFET and IGBT driver with independent high- and lowside referenced output channels.
|
International Rectifier
|
KSC2335F KSC2335 |
High Speed/ High Voltage Switching High Speed, High Voltage Switching NPN Epitaxial Silicon Transistor
|
FAIRCHILD[Fairchild Semiconductor]
|